PART |
Description |
Maker |
DAC1408D750 DAC1408D750HN |
Dual 14-bit DAC; up to 750 Msps; 2?, 4? or 8? interpolating with JESD204A interface Dual 14-bit DAC; up to 750 Msps; 2×, 4× or 8× interpolating 14-BIT DAC, PQCC64
|
NXP Semiconductors N.V.
|
DAC1008D75011 DAC1008D750HN |
Dual 10-bit DAC; up to 750 Msps; 2×, 4× or 8× interpolating
|
NXP Semiconductors
|
DAC1405D750HW DAC1405D75011 |
Dual 14-bit DAC, up to 750 Msps; 4x and 8x interpolating
|
NXP Semiconductors
|
MX7528KEWP |
CMOS, Dual, Buffered, 8-Bit Multiplying DAC DUAL, PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PDSO20
|
Maxim Integrated Products, Inc.
|
WM2617CD WM2617 WM2617ID |
From old datasheet system DUAL 10-BIT SERIAL INPUT VOLTAGE DAC Dual 10-Bit Serial DAC with Power Down TVS UNIDIR 600W 8.5W SMB
|
WOLFSON[Wolfson Microelectronics plc]
|
AD1833AAST-REEL AD1833ACST-REEL EVAL-AD1833AEB AD1 |
ECONOLINE: RD & RC - Dual Output from a Single Input Rail- 1kVDC & 2kVDC Isolation- Power Sharing on Output- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 86% 24-Bit, 192 kHz, DAC SERIAL INPUT LOADING, 24-BIT DAC, PQFP48 Multichannel, 24-Bit, 192 kHz, DAC
|
Analog Devices, Inc.
|
MAX5253 MAX5253ACAP MAX5253ACPP MAX5253AEAP MAX525 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C SERIAL INPUT LOADING, 16 us SETTLING TIME, 12-BIT DAC, PDIP20 3V / Quad / 12-Bit Voltage-Output DAC with Serial Interface 3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface 3V Quad 12-Bit Voltage-Output DAC with Serial Interface
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
AD8582ARZ |
5 Volt, Parallel Input Complete Dual 12-Bit DAC DUAL, PARALLEL, WORD INPUT LOADING, 16 us SETTLING TIME, 12-BIT DAC, PDSO24
|
Analog Devices, Inc.
|
LTC2602 LTC2632 LTC2633 LTC2630 LTC2622 LTC1662 LX |
Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/°C Reference 10-BIT DAC, PDSO8 12-BIT DAC, PDSO8
|
Linear Technology LINEAR TECHNOLOGY CORP
|
AD7547KP-REEL AD7547LRZ-REEL |
Dual 12-Bit CMOS DAC with Parallel Load Input Structure; Package: PLCC; No of Pins: 28; Temperature Range: Commercial DUAL, PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 12-BIT DAC, PQCC28 Dual 12-Bit CMOS DAC with Parallel Load Input Structure; Package: SOIC - Wide; No of Pins: 24; Temperature Range: Commercial DUAL, PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 12-BIT DAC, PDSO24
|
Analog Devices, Inc.
|
MAX522 MAX522CPA MAX522CSA MAX522EPA MAX522ESA 112 |
From old datasheet system Dual, 8-Bit, Voltage-Output Serial DAC in 8-Pin SO Package Dual / 8-Bit / Voltage-Output Serial DAC in 8-Pin SO Package Dual Differential Drivers and Receivers With /-15-kV IEC ESD Protection 16-VQFN -40 to 85
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
AD5323BRUZ-REEL |
2.5 V to 5.5 V, 230 µA, Dual Rail-to-Rail Voltage Output 12-Bit DAC; Package: TSSOP; No of Pins: 16; Temperature Range: Commercial SERIAL INPUT LOADING, 8 us SETTLING TIME, 12-BIT DAC, PDSO16
|
Analog Devices, Inc.
|